PART |
Description |
Maker |
CYD36S18V18-167BGXC CYD36S36V18-167BGXC CYD36S36V1 |
FullFlex(TM) Synchronous SDR Dual-Port SRAM; Density: 36 Mb; Organization: 2Mb x 18; Vcc (V): 1.7 to 1.9 V; Speed: 167 MHz 2M X 18 DUAL-PORT SRAM, 4 ns, PBGA484 FullFlex(TM) Synchronous SDR Dual Port SRAM; Density: 36 Mb; Organization: 1Mb x 36; Vcc (V): 1.7 to 1.9 V; Speed: 167 MHz 1M X 36 DUAL-PORT SRAM, 4 ns, PBGA484 FullFlex™ Synchronous SDR Dual Port SRAM 1M X 36 DUAL-PORT SRAM, 3.3 ns, PBGA484 FullFlex™ Synchronous SDR Dual Port SRAM 256K X 72 DUAL-PORT SRAM, 3.3 ns, PBGA484 FullFlex™ Synchronous SDR Dual Port SRAM 512K X 18 DUAL-PORT SRAM, 4 ns, PBGA256 FullFlex™ Synchronous SDR Dual Port SRAM 512K X 18 DUAL-PORT SRAM, 3.3 ns, PBGA256 FullFlex™ Synchronous SDR Dual Port SRAM 512K X 72 DUAL-PORT SRAM, 3.3 ns, PBGA484
|
Cypress Semiconductor, Corp.
|
CYD36S36V18 CYD36S72V18 CYD36S18V18 |
FullFlex Synchronous SDR Dual-Port SRAM(FullFlex同步SDR双端口SRAM)
|
Cypress Semiconductor Corp.
|
IDT72T54242 |
2.5V QUAD/DUAL TeraSync? DDR/SDR FIFO
|
IDT
|
IDT72T54242L5BB IDT72T54242L5BBI IDT72T54252L5BB I |
2.5V QUAD/DUAL TeraSync DDR/SDR FIFO x10 QUAD FIFO or x10/x20 DUAL FIFO CONFIGURATIONS 2.5V QUAD/DUAL TeraSync?/a> DDR/SDR FIFO x10 QUAD FIFO or x10/x20 DUAL FIFO CONFIGURATIONS
|
Integrated Device Technology
|
MCM67J618AFN5 MCM67J618AFN7 MCM69D536TQ6R |
64K x 18 bit burstRAM synchronous fast static RAM 32K x 36 Bit Synchronous Dual I/O, Dual Address SRAM
|
Motorola
|
IDT72T54262 |
2.5V QUAD/DUAL TeraSyncDDR/SDR FIFO x10 QUAD FIFO or x10/x20 DUAL FIFO CONFIGURATIONS 2.5V的四/双TeraSync⑩复特别提款权先进先出10的四双FIFO或x10/x20先进先出配置
|
Integrated Device Technology, Inc.
|
LTC3868EGN-1TRPBF LTC3868-1-15 |
Low IQ, Dual 2-Phase Synchronous 2-Phase Synchronous Step-Down Controller; Package: 28-SSOP; Temperature Range: –40°C to 125°C DUAL SWITCHING CONTROLLER, 900 kHz SWITCHING FREQ-MAX, PDSO28 Low IQ, Dual 2-Phase Synchronous Step-Down Controller
|
Linear Technology, Corp.
|
LTC3548-1 LTC3548EDD-1-PBF LTC3548EDD-1-TRPBF LTC3 |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology, Corp.
|
CYD09S18V-100BBC CYD09S18V-100BBI CYD02S18V-133BBC |
512K X 18 DUAL-PORT SRAM, 4.7 ns, PBGA256 17 X 17 MM, 1 MM PITCH, LEAD FREE, FBGA-256 FLEx18 3.3V 64K/128K/256K/512K x 18 Synchronous Dual-Port RAM FLEx18垄芒 3.3V 64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
|
Cypress Semiconductor, Corp.
|
MT48LC16M16A2TG MT48LC16M16A2BG MT48LC16M16A2FG MT |
SDR SDRAM
|
Micron Technology
|
HY5Y7A2DLM HY5Y7A2DLMP-HF |
Mobile SDR - 512Mb
|
Hynix Semiconductor
|
HY57V28420BLT HY57V28420BT |
32Mx4|3.3V|4K|6/K/H/8/P/S|SDR SDRAM - 128M
|
|